Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X23TAY Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8AP5X23TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X23TAY Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8AP5X23TAY Datasheet HTML 61Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 62Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 63Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 64Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 65Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 66Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 67Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 68Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
STM8AF61xx, STM8AF51xx
Electrical characteristics
65/100
On-chip peripherals
Table 23.
Typical peripheral current consumption VDD = 5.0 V
(1)
1.
Typical values - not tested in production. Since the peripherals are powered by an internally regulated,
constant digital supply voltage, the values are similar in the full supply voltage range.
Symbol
Parameter
Typ.
fmaster =
2 MHz
Typ.
fmaster =
16 MHz
Typ.
fmaster =
24 MHz
Unit
IDD(TIM1)
TIM1 supply current(2)
2.
Data based on a differential IDD measurement between no peripheral clocked and a single active
peripheral. This measurement does not include the pad toggling consumption.
0.03
0.23
0.34
mA
IDD(TIM2)
TIM2 supply current (2)
0.02
0.12
0.19
IDD(TIM3)
TIM3 supply current(2)
0.01
0.1
0.16
IDD(TIM4)
TIM4 supply current(2)
0.004
0.03
0.05
IDD(USART)
USART supply current(2)
0.03
0.09
0.15
IDD(LINUART) LINUART supply current(2)
0.03
0.11
0.18
IDD(SPI)
SPI supply current(2)
0.01
0.04
0.07
IDD(I2C)
I2C supply current(2)
0.02
0.06
0.91
IDD(CAN)
CAN supply current(3)
3.
Data based on a differential IDD measurement between reset configuration (CAN disabled) and a
permanent CAN data transmit sequence in loopback mode at 1 MHz. This measurement does not include
the pad toggling consumption.
0.06
0.22
0.34
IDD(AWU)
AWU supply current(2)
0.003
0.02
0.05
IDD(TOT_DIG) All digital peripherals on
0.22
1
2.4
IDD(ADC)
ADC supply current when
converting(4)
4.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
0.93
0.95
0.96
IDD(EE_PROG)
Data EEPROM programming
current
2.5
2.9
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com