Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X2BTAY Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8AP5X2BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X2BTAY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8AP5X2BTAY Datasheet HTML 8Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 9Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 10Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 11Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 12Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 13Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 14Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 15Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
Product overview
STM8AF61xx, STM8AF51xx
12/100
5
Product overview
The following section intends to give an overview of the basic features of the STM8A
functional modules and peripherals.
For more detailed information please refer to the STM8A microcontroller family reference
manual (RM0009).
5.1
Central processing unit STM8A
The 8-bit STM8A core is designed for code efficiency and performance.
It contains 21 internal registers (six directly addressable in each execution context), 20
addressing modes including indexed indirect and relative addressing and 80 instructions.
5.1.1
Architecture and registers
●
Harvard architecture
●
3-stage pipeline
●
32-bit wide program memory bus with single cycle fetching for most instructions
●
X and Y 16-bit index registers, enabling indexed addressing modes with or without
offset and read-modify-write type data manipulations
●
8-bit accumulator
●
24-bit program counter with 16-Mbyte linear memory space
●
16-bit stack pointer with access to a 64 Kbyte stack
●
8-bit condition code register with seven condition flags for the result of the last
instruction
5.1.2
Addressing
●
20 addressing modes
●
Indexed indirect addressing mode for look-up tables located anywhere in the address
space
●
Stack pointer relative addressing mode for local variables and parameter passing
5.1.3
Instruction set
●
80 instructions with 2-byte average instruction size
●
Standard data movement and logic/arithmetic functions
●
8-bit by 8-bit multiplication
●
16-bit by 8-bit and 16-bit by 16-bit division
●
Bit manipulation
●
Data transfer between stack and accumulator (push/pop) with direct stack access
●
Data transfer using the X and Y registers or direct memory-to-memory transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com