Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X2BTAY Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8AP5X2BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X2BTAY Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8AP5X2BTAY Datasheet HTML 10Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 11Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 12Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 13Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 14Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 15Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 16Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 17Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
Product overview
STM8AF61xx, STM8AF51xx
14/100
5.4.2
Write protection (WP)
Write protection in application mode is intended to avoid unintentional overwriting of the
memory in case of user software malfunction. Code update in user mode is still possible
after execution of a specific MASS key sequence.
The program memory is divided into two areas:
●
Main program memory: Up to 128 Kbytes minus user-specific boot code (UBC)
●
UBC: Configurable up to 128 Kbytes
The UBC area also remains write-protected during in-application programming. It permits
storage of the boot program or specific code libraries.
The boot area is a part of the program memory that contains the reset and interrupt vectors,
the reset routine and usually the IAP and communication routines. The UBC area has a
second level of protection to prevent unintentional erasing or modification during IAP
programming. This means that the MASS keys do not unlock the UBC area.
The size of the UBC is programmable through the UBC option byte, in increments of 512
bytes, by programming the UBC option byte in ICP mode.
Figure 2.
STM8A products: Flash memory organization
Programmable area from 1 Kbyte
Data
UBC area
Program memory area
Data memory area (2 Kbytes)
(first two pages) up to program memory
EEPROM
Remains write protected during IAP
memory
Write access possible for IAP
Option bytes
end - maximum 128 Kbytes
Flash
program
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com