Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X2BTAY Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8AP5X2BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X2BTAY Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8AP5X2BTAY Datasheet HTML 25Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 26Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 27Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 28Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 29Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 31Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
STM8AF61xx, STM8AF51xx
Pinouts and pin description
29/100
Table 6.
STM8A microcontroller family pin description
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default alternate
function
Alternate
function
after
remap
[option bit]
1111 NRST
I/O
X
Reset
2222 PA1/OSCIN
I/O
X
XO1
X
X Port A1
Resonator/crystal
in
3333 PA2/OSCOUT
I/O
X
XX
O1
X
X Port A2
Resonator/crystal
out
444
-
VSSIO_1
S
I/O ground
5554 VSS
S
Digital ground
6665 VCAP
S
1.8 V regulator capacitor
7776 VDD
S
Digital power supply
8887 VDDIO_1
S
I/O power supply
9
9
9
-
PA3/TIM2_CC3
I/O
X
XX
O1
X
X Port A3
Timer 2 -
channel3
TIM3_CC1
[AFR1]
10 10 10
-
PA4/USART_RX
I/O
X
XX
O3
X
X Port A4
USART receive
11 11 11
-
PA5/USART_TX
I/O
X
XX
O3
X
X Port A5
USART transmit
12 12 12
-
PA6/USART_CK
I/O
X
XX
O3
X
X Port A6
USART
synchronous
clock
13
---
PH0
I/O
X
XHS O3
X
X Port H0
14
---
PH1
I/O
X
XHS O3
X
X Port H1
15
---
PH2
I/O
X
XO1
X
X Port H2
16
---
PH3
I/O
X
XO1
X
X Port H3
17 13
-
-
PF7/AIN15
I/O
X
XO1
X
X Port F7
Analog input 15
18 14
-
-
PF6/AIN14
I/O
X
XO1
X
X Port F6
Analog input 14
19 15
-
-
PF5/AIN13
I/O
X
XO1
X
X Port F5
Analog input 13
20 16
-
8 PF4/AIN12
I/O
X
XO1
X
X Port F4
Analog input 12
21 17
-
-
PF3/AIN11
I/O
X
XO1
X
X Port F3
Analog input 11
22 18
-
-
VREF+
S
ADC positive reference
voltage
23 19 13
9 VDDA
S
Analog power supply
24 20 14 10 VSSA
S
Analog ground
25 21
-
-
VREF-
S
ADC negative reference
voltage
26 22
-
-
PF0/AIN10
I/O
X
XO1
X
X Port F0
Analog input 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com