Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X2BTAY Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8AP5X2BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X2BTAY Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8AP5X2BTAY Datasheet HTML 27Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 28Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 29Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 31Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X2BTAY Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
STM8AF61xx, STM8AF51xx
Pinouts and pin description
31/100
46 37 29 21 PC4/TIM1_CC4
I/O
X
XX
HS O3
X
X Port C4
Timer 1 - channel
4
47 38 30 22 PC5/SPI_SCK
I/O
X
XX
O3
X
X Port C5
SPI clock
48 39 31
-
VSSIO_2
S
I/O ground
49 40 32
-
VDDIO_2
S
I/O power supply
50 41 33 23 PC6/SPI_MOSI
I/O
X
XX
O3
X
X Port C6
SPI master out/
slave in
51 42 34 24 PC7/SPI_MISO
I/O
X
XX
O3
X
X Port C7
SPI master in/
slave out
52 43 35
-
PG0/CAN_TX
I/O
X
XO1
X
X Port G0
CAN transmit
53 44 36
-
PG1/CAN_RX
I/O
X
XO1
X
X Port G1
CAN receive
54 45
-
-
PG2
I/O
X
XO1
X
X Port G2
55 46
-
-
PG3
I/O
X
XO1
X
X Port G3
56 47
-
-
PG4
I/O
X
XO1
X
X Port G4
57 48
-
-
PI0
I/O
X
XO1
X
X Port I0
58
---
PI1
I/O
X
XO1
X
X Port I1
59
---
PI2
I/O
X
XO1
X
X Port I2
60
---
PI3
I/O
X
XO1
X
X Port I3
61
---
PI4
I/O
X
XO1
X
X Port I4
62
---
PI5
I/O
X
XO1
X
X Port I5
63 49
-
-
PG5
I/O
X
XO1
X
X Port G5
64 50
-
-
PG6
I/O
X
XO1
X
X Port G6
65 51
-
-
PG7
I/O
X
XO1
X
X Port G7
66 52
-
-
PE4
I/O
X
XX
O1
X
X Port E4
67 53 37
-
PE3/TIM1_BKIN
I/O
X
XX
O1
X
X Port E3
Timer 1 - break
input
68 54 38
-
PE2/I2C_SDA
I/O
X
XX
O1 T(1) X Port E2
I2C data
69 55 39
-
PE1/I2C_SCL
I/O
X
XX
O1 T(1) X Port E1
I2C clock
70 56 40
-
PE0/CLK_CCO
I/O
X
XX
O3
X
X Port E0
Configurable
clock output
71
---
PI6
I/O
X
XO1
X
X Port I6
72
---
PI7
I/O
X
XO1
X
X Port I7
Table 6.
STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default alternate
function
Alternate
function
after
remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com