Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6015 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB6015 Datasheet HTML 1Page - Texas Instruments TUSB6015 Datasheet HTML 2Page - Texas Instruments TUSB6015 Datasheet HTML 3Page - Texas Instruments TUSB6015 Datasheet HTML 4Page - Texas Instruments TUSB6015 Datasheet HTML 5Page - Texas Instruments TUSB6015 Datasheet HTML 6Page - Texas Instruments TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
Electrical Characteristics
Absolute Maximum Ratings
1
3.3V Supply Voltage, VDDA3P3...................................................................................................-0.5 V to 4.2 V
1.8V Supply Voltage VDD18.........................................................................................................-0.5 V to 2.1 V
1.5V Supply Voltage, VDD15, VDDD1P5, VDDCM1P5, VDDA1P5.............................................-0.5 V to 2.1 V
USB VBUS Supply Voltage
2
............................................................................................................ 0 V to 6.0 V
Input voltage, V
I, 3.3V USB
3 .................................................................................... -0.5 V to VDDA3P3 + 0.5 V
Output voltage, V
O, 3.3V USB .................................................................................. -0.5 V to VDDA3P3 + 0.5 V
Input clamp current, I
IK
........................................................................................................................... ±20 mA
Output clamp current, I
OK ........................................................................................................................ ±20 mA
Storage temperature range, Tstg ...............................................................................................-65°C to 150°C
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNIT
VDDA3P3
Supply voltage for PHY Analog
3
3.3
3.6
V
VDD18
Supply voltage for Digital I/O
1.62
1.8
1.98
V
VDD15
VDDD1P5
VDDCM1P5
VDDA1P5
Supply voltage for Digital Core
Supply voltage for PHY Digital
Supply voltage for PHY Common Module
Supply voltage for PHY Analog
1.35
1.5
1.65
V
T
A
Operating Temperature
TUSB6015I (Industrial grade)
-40
85
°C
1Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
2VBUS can tolerate 6V for the lifetime of the device. It can handle 6.5V for 36 hours.
3TUSB6015 complies with short circuit withstand and AC stress conditions as described in Chapter 7.1.1 of the USB 2.0 specification.
4
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com