Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6015 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments TUSB6015 Datasheet HTML 10Page - Texas Instruments TUSB6015 Datasheet HTML 11Page - Texas Instruments TUSB6015 Datasheet HTML 12Page - Texas Instruments TUSB6015 Datasheet HTML 13Page - Texas Instruments TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
Input Clock Requirements
CLKIN 19.2 MHz Recommended Operating Conditions
PARAMETER
VALUE
Nominal Clock Frequency
(GPIO6 = high @ reset)
(CLK_24_SEL = high @ reset)
19.20 MHz
Frequency Accuracy
+/- 100 ppm
Maximum Rise/Fall Time
5ns (10% to 90%)
Input Clock Type
Square Wave
Duty Cycle
45% - 55%
Input Capacitance Loading
4pF
Jitter
118 ps
CLKIN 38.4 MHz Recommended Operating Conditions
PARAMETER
VALUE
Nominal Clock Frequency (GPIO6 = low @ reset)
38.40 MHz
Frequency Accuracy
+/- 100 ppm
Input Clock Type
Sinusoid
Duty Cycle
45% - 55%
Input Common Mode Voltage VCM (V
CM)
1 V +/- 100 mV
Vp-p
200 mV – 800 mV
Input Capacitance Loading
5 pF
Rin
180 kOhms
Jitter
100 ps (peak-to-peak)
12
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com