Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6015 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 5Page - Texas Instruments TUSB6015 Datasheet HTML 6Page - Texas Instruments TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments TUSB6015 Datasheet HTML 10Page - Texas Instruments TUSB6015 Datasheet HTML 11Page - Texas Instruments TUSB6015 Datasheet HTML 12Page - Texas Instruments TUSB6015 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Power Sequencing Guidelines
Power-On Reset
The system reset function ensures an orderly start-up sequence for the TUSB6015. There is a one active low
external system reset input (RSTn). The reset initializes the Power/Reset/Clock Manager (PRCM) module, which
in turn generates all the internal resets to initialize USB 2.0 PHY Macro and synchronous logic in the core. While
reset is asserted (active low), the dual functional pin is sampled to determine device configuration after reset.
Since TUSB6015 relies on a dual function pin to configure the device during reset, the reset must be sufficiently
long for (external) marginal pull-up/pull-down to achieve the intended levels. Reset pulse duration should be at
least three times actual RC constant time (with typical 22 kOhm marginal pull-up resistor with 50 pF load, reset
pulse should be at least 3.3 µs).
All functional pins remain in same state even after RSTn is de-asserted and stay in that state until internal core
reset is cleared. The internal core reset is held for 16 system clock cycles following low-to-high RSTn transition.
Upon power-on reset, the following must be determined for proper device initialization:
System reference clock source
Device uses dual-mode pin to determine initial clock input setup. Dual function pin is latched during the reset. After
the reset this terminal assumes the normal functionality.
External Pin
Function
Description
GPIO6
Reference Clock
Frequency Select
Determines the reference clock pin
0 – 38.4 MHz (CLKIN_38_4 pin is used)
1 – 19.2 MHz (CLKIN_19_2_24 pin is used)
CLK_24_SEL
CLKIN_19_2_24
Frequency Select
Determines the reference frequency of the
CLKIN_19_2_24 pin
0 – RSVD
1 – 19.2 MHz
If GPIO6 is low at reset, this pin will have no effect
on clock selection.
Upon exiting reset, the USB 2.0 PHY is not in the suspend state and the system clock (60 MHz) is enabled and
free running. The USB 2.0 HS Peripheral Controller Core powers up and a session is not enabled. With session not
enabled, all the USB 2.0 HS Peripheral Controller Core State Machine’s are in the idle state.
After reset is de-asserted, the device asserts the DevReady interrupt to the External Host to indicate that it is
ready to be programmed. The host reads the NOR Flash Interrupt Source register and decides how to proceed
based on the device’s current status.
9
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com