Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6015 Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments TUSB6015 Datasheet HTML 20Page - Texas Instruments TUSB6015 Datasheet HTML 21Page - Texas Instruments TUSB6015 Datasheet HTML 22Page - Texas Instruments TUSB6015 Datasheet HTML 23Page - Texas Instruments TUSB6015 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
External Components
USB PHY Voltage and Current Bias Resistor Pin: R1
This signal must connect to a precision external resistance to set the internal operating reference currents and
cable driver output currents. A resistance of 10.7 k• ± 1% (temperature coefficient ±100ppm/°C) is necessary to
meet requirements set forth in the Universal Serial Bus Revision 2.0 specification.
The side of the resistor not connected to the R1 signal should connect through a low impedance path to the circuit
board ground plane.
USB PHY Voltage and Current Reference Ground: VSSREF
This signal is the reference ground for the voltage and current reference circuitry internal to the Data/Port macro.
This signal must connect to the low impedance circuit board ground plane.
USB PHY Power Connections: VDDCM1P5, VDDA1P5, VDDD1P5, VDDA3P3
Decoupling capacitors are required to suppress high-frequency switching noise and stabilize the supply voltage. A
decoupling capacitor is most effective when it is close to the chip. This minimizes the inductance of the circuit
board wiring and interconnects.
The USB 2.0 PHY Macro has two power rails, 1.5V (VDDCM1P5, VDDD1P5, VDDA1P5) and 3.3V (VDDA3P3).
Each power connection has its own associated ground connection, 1.5V (VSSCM1P5, VSSD1P5, VSSA1P5) and
3.3V (VSSA3P3). Each supply is isolated from the others to provide noise isolation.
A combination of high-frequency capacitors near each terminal is suggested, such as paralleled 1uF, 0.01uF, and
0.001uF capacitors. A lower frequency 10uF filter capacitor is also recommended. A series inductor on the
analog supplies is also recommended. All ground pins must connect through a low impedance path to the circuit
board ground plane. All grounds can be connected to each other.
• VDDCM1P5 (Common Module 1.5V Supply) - (1) 1µf , (1) 0.1µf, 0.01µf, (1) 0.001µf, (1) 10µf
• VSSCM1P5 (Common Module Ground)
• VDDD1P5 (Digital 1.5V Supply) - (1) 0.1µf, (1) 0.001µf, (1) 10µf
• VSSD1P5 (Digital 1.5V Ground)
• VDDA1P5 (Analog 1.5V Supply) - (1) 0.1µf, (1) 0.001µf, (1) 10µf, with a series inductor between the
main supply and the device, the caps between the inductor and the device.
• VSSA1P5 (Analog 1.5V Ground)
• VDDA3P3 (Analog 3.3V Supply) - (1) 0.1µf, (1) 0.001µf, (1) 10µf, with a series inductor between the
main supply and the device, the caps between the inductor and the device.
• VDDA3P3 (Analog 3.3V Ground)
20
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com