Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB6015 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 11Page - Texas Instruments TUSB6015 Datasheet HTML 12Page - Texas Instruments TUSB6015 Datasheet HTML 13Page - Texas Instruments TUSB6015 Datasheet HTML 14Page - Texas Instruments TUSB6015 Datasheet HTML 15Page - Texas Instruments TUSB6015 Datasheet HTML 16Page - Texas Instruments TUSB6015 Datasheet HTML 17Page - Texas Instruments TUSB6015 Datasheet HTML 18Page - Texas Instruments TUSB6015 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 10, 2008
Synchronous Burst Read Access
Notes: RDY going low is asynchronous to t_scsn_rdy. Going high, it is synchronous to CLK. Read Data output and RDY going high are
synchronous to CLK. Valid Data Time programmable through Device Wait Count Register. Wait Count is not used for non-DMA
synchronous reads.
PARAMETER
MIN
MAX
UNIT
t_clk
Cycle Time (max 67.5 MHz)
14.8
ns
t_scsnh_scsnl
Delay time, SCSn high to SCSn low
8
ns
t_acsnh_scsnl
Delay time, ACSn high to SCSn low
8
ns
t_scsn
Delay time, SCSn low to first rising edge of CLK
3ns
1+3ns
CLK
t_scs_off
CLK to SCSn high
4
ns
t_rdata
Read data output delay
2.2
9.2
ns
t_rdy
RDY output delay
2.2
8.2
Ns
t_advn
ADVn low pulse
7
Ns
t_advn_oen
ADVn high to OEn low
3
Ns
t_oen_off
CLK to OEn high
4
Ns
OEn setup to CLK high
3.75
Ns
t_oen
OEn hold time
0
t_rd_acc
Valid Data Time (with DMAREQ)
1
1
32
2
CLK
t_add_advn_h
Addr Hold time to ADVn high
0.8
Ns
t_scsnl_advn_s
SCSn low Setup to ADVn high
12
Ns
t_add_advn_s
Address Setup to ADVn high
12
Ns
t_scsn_rdy
SCSn low to RDY valid low
7
ns
t_scsn_rdy_z
SCSn high to RDY high-Z
7
ns
t_oen_data_z
OEn high to Data high-Z
8
ns
1
Device Wait Count Register = 0 or 1.
2
Device Wait Count Register = 31.
15
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com