Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8112 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
22
The UPM machine and GPCM machine outputs change on the internal tick selected by the memory controller configuration.
The AC timing specifications are relative to the internal tick. SDRAM machine outputs change only on the REFCLK rising edge.
Table 14. AC Timing for SIU Inputs
No.
Characteristic
Ref = CLKIN at 1.1 V
and 100 MHz
Units
10
Hold time for all signals after the 50% level of the REFCLK rising edge
0.5
ns
11a
ARTRY/ABB set-up time before the 50% level of the REFCLK rising edge
3.1
ns
11b
DBG/DBB/BG/BR/TC set-up time before the 50% level of the REFCLK rising
edge
3.6
ns
11c
AACK set-up time before the 50% level of the REFCLK rising edge
3.0
ns
11d
TA/TEA/PSDVAL set-up time before the 50% level of the REFCLK rising edge
•
Data-pipeline mode
•
Non-pipeline mode
3.5
4.4
ns
ns
12
Data bus set-up time before REFCLK rising edge in Normal mode
•
Data-pipeline mode
•
Non-pipeline mode
1.9
4.2
ns
ns
131
Data bus set-up time before the 50% level of the REFCLK rising edge in ECC
and PARITY modes
•
Data-pipeline mode
•
Non-pipeline mode
2.0
8.2
ns
ns
141
DP set-up time before the 50% level of the REFCLK rising edge
•
Data-pipeline mode
•
Non-pipeline mode
2.0
7.9
ns
ns
15a
TS and Address bus set-up time before the 50% level of the REFCLK rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
No extra cycle mode (SIUBCR[EXDD] = 1)
4.2
5.5
ns
ns
15b
Address attributes: TT/TBST/TSZ/GBL set-up time before the 50% level of the
REFCLK rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
No extra cycle mode (SIUBCR[EXDD] = 1)
3.7
4.8
ns
ns
16
PUPMWAIT signal set-up time before the 50% level of the REFCLK rising edge
3.7
ns
17
IRQx setup time before the 50% level; of the REFCLK rising edge3
4.0
ns
18
IRQx minimum pulse width3
6.0 + TREFCLK
ns
Notes:
1.
Timings specifications 13 and 14 in non-pipeline mode are more restrictive than MSC8102 timings.
2.
Values are measured from the 50% TTL transition level relative to the 50% level of the REFCLK rising edge.
3.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com