Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8112 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
34
2.5.10.4
SMII Mode
2.5.11
GPIO Timing
Table 27. SMII Mode Signal Timing
No.
Characteristics
Min
Max
Unit
808
ETHSYNC_IN, ETHRXD to ETHCLOCK rising edge set-up time
1.0
—
ns
809
ETHCLOCK rising edge to ETHSYNC_IN, ETHRXD hold time
1.0
—
ns
810
ETHCLOCK rising edge to ETHSYNC, ETHTXD output delay
1.51
6.02
ns
Notes:
1.
Measured using a 5 pF load.
2.
Measured using a 15 pF load.
Figure 26. SMII Mode Signal Timing
Table 28. GPIO Timing
No.
Characteristics
Ref = CLKIN
Unit
Min
Max
601
REFCLK edge to GPIO out valid (GPIO out delay time)
—
6.1
ns
602
REFCLK edge to GPIO out not valid (GPIO out hold time)
1.1
—
ns
603
REFCLK edge to high impedance on GPIO out
—
5.4
ns
604
GPIO in valid to REFCLK edge (GPIO in set-up time)
3.5
—
ns
605
REFCLK edge to GPIO in not valid (GPIO in hold time)
0.5
—
ns
Figure 27. GPIO Timing
Valid
ETHCLOCK
ETHSYNC_IN
ETHRXD
ETHSYNC
ETHTXD
Valid
Valid
810
809
808
REFCLK
GPIO
(Output)
GPIO
(Input)
Valid
603
High Impedance
604
605
602
601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com