Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8112 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
18
2.5.3
Clock and Timing Signals
The following sections include a description of clock signal characteristics. Table 7 shows the maximum frequency values for
internal (Core, Reference, Bus, and DSI) and external (CLKIN and CLKOUT) clocks. The user must ensure that maximum
frequency values are not exceeded.
2.5.4
Reset Timing
The MSC8112 has several inputs to the reset logic:
•
Power-on reset (PORESET)
•
External hard reset (HRESET)
•
External soft reset (SRESET)
•
Software watchdog reset
•
Bus monitor reset
•
Host reset command through JTAG
All MSC8112 reset sources are fed into the reset controller, which takes different actions depending on the source of the reset.
The reset status register indicates the most recent sources to cause a reset. Table 10 describes the reset sources.
Table 7. Maximum Frequencies
Characteristic
Maximum in MHz
Core frequency
300
Reference frequency (REFCLK)
100
Internal bus frequency (BLCK)
100
DSI clock frequency (HCLKIN)
HCLKIN
≤ (min{70 MHz, CLKOUT})
External clock frequency (CLKIN or CLKOUT)
100
Table 8. Clock Frequencies
Characteristics
Symbol
Min
Max
CLKIN frequency
FCLKIN
20
100
BCLK frequency
FBCLK
40
100
Reference clock (REFCLK) frequency
FREFCLK
40
100
Output clock (CLKOUT) frequency
FCLKOUT
40
100
SC140 core clock frequency
FCORE
200
300
Note:
The rise and fall time of external clocks should be 3 ns maximum
Table 9. System Clock Parameters
Characteristic
Min
Max
Unit
Phase jitter between BCLK and CLKIN
—
0.3
ns
CLKIN frequency
20
see Table 8
MHz
CLKIN slope
—3
ns
CLKIN period jitter1
—
150
ps
CLKIN jitter spectrum
150
—
KHz
PLL input clock (after predivider)
20
100
MHz
PLL output frequency (VCO output)
800
1200
MHz
CLKOUT frequency jitter1
—
200
ps
CLKOUT phase jitter1 with CLKIN phase jitter of ±100 ps.
—
500
ps
Notes:
1.
Peak-to-peak.
2.
Not tested. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com