Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8112 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
16
2.5
AC Timings
The following sections include illustrations and tables of clock diagrams, signals, and parallel I/O outputs and inputs. When
systems such as DSP farms are developed using the DSI, use a device loading of 4 pF per pin. AC timings are based on a 20 pF
load, except where noted otherwise, and a 50
Ω transmission line. For loads smaller than 20 pF, subtract 0.06 ns per pF down
to 10 pF load. For loads larger than 20 pF, add 0.06 ns for SIU/Ethernet/DSI delay and 0.07 ns for GPIO/TDM/timer delay.
When calculating overall loading, also consider additional RC delay.
2.5.1
Output Buffer Impedances
2.5.2
Start-Up Timing
Starting the device requires coordination among several input sequences including clocking, reset, and power. Section 2.5.3
describes the clocking characteristics. Section 2.5.4 describes the reset and power-up characteristics. You must use the
following guidelines when starting up an MSC8112 device:
•
PORESET
and TRST must be asserted externally for the duration of the power-up sequence. See Table 11 for timing.
•
If possible, bring up the VDD and VDDH levels together. For designs with separate power supplies, bring up the VDD
levels and then the VDDH levels (see Figure 7).
•
CLKIN
should start toggling at least 16 cycles (starting after VDDH reaches its nominal level) before PORESET
deassertion to guarantee correct device operation (see Figure 6 and Figure 7).
•
CLKIN
must not be pulled high during VDDH power-up. CLKIN can toggle during this period.
Note:
See Section 3.1 for start-up sequencing recommendations and Section 3.2 for power supply design
recommendations.
The following figures show acceptable start-up sequence examples. Figure 6 shows a sequence in which VDD and VDDH are
raised together. Figure 7 shows a sequence in which VDDH is raised after VDD and CLKIN begins to toggle as VDDH rises.
Table 6. Output Buffer Impedances
Output Buffers
Typical Impedance (
Ω)
System bus
50
Memory controller
50
Parallel I/O
50
Note:
These are typical values at 65°C. The impedance may vary by ±25% depending on device process and operating temperature.
Figure 6. Start-Up Sequence: VDD and VDDH Raised Together
Time
o.5 V
3.3 V
1.1 V
VDDH Nominal Level
PORESET/TRST Asserted
VDD Nominal Level
CLKIN Starts Toggling
VDD/VDDH Applied
PORESET/TRST Deasserted
1
2.2 V
VDDH = Nominal Value
VDD = Nominal Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com