Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8112 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
33
2.5.10.3
RMII Mode
Table 26. RMII Mode Signal Timing
No.
Characteristics
1.1 V Core
Unit
Min
Max
806
ETHTX_EN,ETHRXD[0–1], ETHCRS_DV, ETHRX_ER to ETHREF_CLK rising edge set-up
time
1.6
—
ns
807
ETHREF_CLK rising edge to ETHRXD[0–1], ETHCRS_DV, ETHRX_ER hold time
1.6
—
ns
811
ETHREF_CLK rising edge to ETHTXD[0–1], ETHTX_EN output delay.
3
12.5
ns
Figure 25. RMII Mode Signal Timing
Valid
ETHREF_CLK
ETHCRS_DV
ETHRXD[0–1]
ETHRX_ER
807
806
ETHTX_EN
ETHTXD[0–1]
Valid
Valid
811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com