| Electronic Components Datasheet Search |
|
6V7 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6V7 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 298 page ![]() Rev.1.00 May 18, 2004 page 49 of 296 M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP 2.7.3 Hardware Interrupts Hardware interrupts are classified into two types — special interrupts and peripheral I/O interrupts. (1) Special interrupts Special interrupts are non-maskable interrupts. • Reset ____________ Reset occurs if an “L” is input to the RESET pin. ________ • DBC interrupt This interrupt is exclusively for the debugger, do not use it in other circumstances. • Watchdog timer interrupt Generated by the watchdog timer. • Single-step interrupt This interrupt is exclusively for the debugger, do not use it in other circumstances. With the debug flag (D flag) set to “1,” a single-step interrupt occurs after one instruction is executed. • Address match interrupt An address match interrupt occurs immediately before the instruction held in the address indicated by the address match interrupt register is executed with the address match interrupt enable bit set to “1.” If an address other than the first address of the instruction in the address match interrupt register is set, no address match interrupt occurs. (2) Peripheral I/O interrupts A peripheral I/O interrupt is generated by one of built-in peripheral functions. Built-in peripheral func- tions are dependent on classes of products, so the interrupt factors too are dependent on classes of products. The interrupt vector table is the same as the one for software interrupt numbers 0 through 31 the INT instruction uses. Peripheral I/O interrupts are maskable interrupts. • Bus collision detection interrupt This is an interrupt that the serial I/O bus collision detection generates. • DMA0 interrupt, DMA1 interrupt These are interrupts DMA generates. • VSYNC interrupt VSYNC interrupt occurs if a VSYNC edge is input. • A-D conversion interrupt This is an interrupt that the A-D converter generates. • UART0 transmission, UART2 transmission interrupts These are interrupts that the serial I/O transmission generates. • UART0 reception, UART2 reception interrupts These are interrupts that the serial I/O reception generates. • Multi-master I2C-BUS interface 0 and multi-master I2C-BUS interface 1 interrupts This is an interrupt that the serial I/O transmission/reception is completed, or a STOP condition is detected. • Timer A0 interrupt through timer A4 interrupt These are interrupts that timer A generates • Timer B0 interrupt through timer B2 interrupt These are interrupts that timer B generates. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |