Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6V7 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 5 Page - Renesas Technology Corp

  6V7 Datasheet HTML 1Page - Renesas Technology Corp 6V7 Datasheet HTML 2Page - Renesas Technology Corp 6V7 Datasheet HTML 3Page - Renesas Technology Corp 6V7 Datasheet HTML 4Page - Renesas Technology Corp 6V7 Datasheet HTML 5Page - Renesas Technology Corp 6V7 Datasheet HTML 6Page - Renesas Technology Corp 6V7 Datasheet HTML 7Page - Renesas Technology Corp 6V7 Datasheet HTML 8Page - Renesas Technology Corp 6V7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 298 page
background image
Rev.1.00
May 18, 2004
page 5 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
62.5 ns(f(XIN)=16 MHz)
Memory
ROM
Refer to Figure 1.5.1 ROM development
size
RAM
10K bytes to 16K bytes
OSD ROM
60K bytes
OSD RAM
2.2K bytes
I/O port
P0 to P10
8 bits ✕ 7, 6 bits ✕ 1, 5 bits ✕ 2, 4 bits ✕ 1
Multifunction
TA0, TA1, TA2, TA3, TA4
16 bits ✕ 5
timer
TB0, TB1, TB2
16 bits ✕ 3
Serial I/O
UART0
1 unit: UART or clock synchronous
UART2
1 unit: UART or clock synchronous
Multi-master I2C-BUS interface 0 1 unit (2 channels)
Multi-master I2C-BUS interface 1 1 unit (1 channel)
A-D converter
8 bits ✕ 6 channels
D-A converter
8 bits ✕ 2 channels
DMAC
2 channels (trigger: 23 sources)
OSD function
Triple layer, 890 kinds of fonts, 42 characters ✕ 16 lines
Data slicer
Data slicer0
16-bit ✕ 2, or data buffer of 16-bit and 20-bit
Data slicer1
16-bit ✕ 2, or data buffer of 16-bit and 20-bit
HSYNC counter
8 bits ✕ 2 channels
Watchdog timer
15 bits ✕ 1 (with prescaler)
Interrupt
22 internal and 3 external sources, 4 software sources, 7 levels
Clock generating circuit
3 built-in clock generation circuits
Power source voltage
VCCE(5V system I/O power supply) 4.75 V to 5.25V
VCCI(internal logic power supply)
3.15 V to 3.45V
Power consumption
415mW
I/O
I/O withstand voltage
3.3 V (only P67, P70, P71, P72, P93 and P94 : 5V )
characteristics
Output current
5 mA
Memory expansion
Available
Operating ambient temperature
–20 o C to 70 o C
Device configuration
CMOS high performance silicon gate
Package
100-pin plastic molded QFP
Table 1.5.1 Performance outline
1.5 Performance Outline
Table 1.5.1 is a performance outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com