Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6V7 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 59Page - Renesas Technology Corp 6V7 Datasheet HTML 60Page - Renesas Technology Corp 6V7 Datasheet HTML 61Page - Renesas Technology Corp 6V7 Datasheet HTML 62Page - Renesas Technology Corp 6V7 Datasheet HTML 63Page - Renesas Technology Corp 6V7 Datasheet HTML 64Page - Renesas Technology Corp 6V7 Datasheet HTML 65Page - Renesas Technology Corp 6V7 Datasheet HTML 66Page - Renesas Technology Corp 6V7 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 298 page
background image
Rev.1.00
May 18, 2004
page 63 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
______
2.7.17 INT Interrupt
________
________
INT0 and INT1 are triggered by the edges of external inputs. The edge polarity is selected using the
polarity select bit.
As for external interrupt input, an interrupt can be generated both at the rising edge and at the falling edge
by setting “1” in the INTi interrupt polarity switching bit of the interrupt request cause select register
(035F16). To select both edges, set the polarity switching bit of the corresponding interrupt control regis-
ter to ‘falling edge’ (“0”).
Figure 2.7.10 shows the Interrupt control reserved register, Figure 2.7.11 shows the Interrupt request
cause select register.
Figure 2.7.10 Interrupt control reserved register i (i = 0 to 3)
Interrupt control reserved register i
Bit nameFunction
Bit symbol
W
R
Symbol
Address
When reset
REiIC (i = 1 to 3)
004616, 004716, 005F16
Indeterminate
b7b6b5b4b3b2b1b0
Must always be set to “0”
Reserved bits
0
0
0
0
0
000
Figure 2.7.11 Interrupt request cause select register
Interrupt request cause select register
Bit name
Function
Bit symbol
W
R
Symbol
Address
When reset
IFSR
035F16
0016
IFSR0
b7b6b5b4b3b2b1b0
INT0 interrupt polarity
switching bit
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
Must always be set to “0”
INT1 interrupt polarity
switching bit
Reserved bits
IFSR1
0
00
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com