Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35075-XXXFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 32Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 33Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 34Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 35Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 36Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 37Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 38Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 39Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 36 of 44
REJ03B0180-0110
M35075-XXXFP
Parameter
Supply voltage
Unit
V
mA
V
V
kΩ
V
Min.
4.75
—
3.5
—
10
0.6VDD
Parameter
Supply voltage
Supply current
"H" level output voltage
"L" level output voltage
__
__
Pull-up resistance AC, CS
External clock input width
Ta = –20 to +85°C
VDD = 5.00V
VDD = 4.75V, IOH = -0.4mA
VDD = 4.75V, IOH = -0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 4.75V, IOL = 3.0mA
VDD = 5.00V
4.75V ≤ VDD ≤ 5.25V
Unit
V
V
V
V
V
V
MHz
MHz
MHz
MHz
kHz
kHz
Symbol
VDD
VIH
VIL
FOSC
H.sync
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25 °C
Ratings
–0.3 to +6.0
VSS –0.3 ≤ VI ≤ VDD +0.3
VSS ≤ VO ≤ VDD
+300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
5.0
3.0
VDD
VDD
0
0
—
—
—
—
—
—
Min.
4.75
2.50
0.8VDD
0.7VDD
0
0
6.3
6.3
20.0
20.0
15.0
15.0
Max.
5.25
3.50
VDD
VDD
0.2VDD
0.3VDD
80.0
40.0
110.0
110.0
130.0
60.0
Limits
RECOMMENDED OPERATING CONDITIONS
(VDD = 5.00V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
5.25
60
—
0.4
100
0.9VDD
P0 to P7 (Note1)
CPOUT
P0 to P7 (Note2)
CPOUT
SIN/SDA
Typ.
5.0
40
—
—
30
—
SCK/SCL, SIN/SDA
"H" level input voltage
__
__
AC, CS, HOR, VERT
SCK/SCL, SIN/SDA
__
__
AC, CS, HOR, VERT
Oscillating frequency
for display
Horizontal synchronous signal input frequeney
Notes 1. The current from the IC must not exceed – 0.4 mA/port at any of the port pins (P0 to P7).
2. The current flowing into the IC must not exceed 0.4 mA/port at any of port pins (P0 to P7).
Test conditions
ELECTRICAL CHARACTERISTICS 1
(VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
(VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
"L" level input voltage
5V
3V
Internal clock mode
External clock mode 1
External clock mode 2
VDD = 4.75 to 5.25 V
VDD = 2.50 to 3.50 V
VDD = 4.75 to 5.25 V
VDD = 4.75 to 5.25 V
VDD = 4.75 to 5.25 V
VDD = 2.50 to 3.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com