Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35075-XXXFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 15Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 16Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 17Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 18Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 15 of 44
REJ03B0180-0110
M35075-XXXFP
(6) Address 12516
DSP0
DSP1
DSP2
DSP3
DSP4
DSP5
DSP6
DSP7
DSP8
DSP9
DSP10
DSP11
TEST21
TEST22
TEST23
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
Sets the display mode of line 1.
Sets the display mode of line 2.
Sets the display mode of line 3.
Sets the display mode of line 4.
Sets the display mode of line 5.
Sets the display mode of line 6.
Sets the display mode of line 7.
Sets the display mode of line 8.
Sets the display mode of line 9.
Sets the display mode of line 10.
Sets the display mode of line 11.
Sets the display mode of line 12.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
The display modes of display screen inside n+1 line by DSPn (n=0
to 11)
The display mode decided by the combination with registers BLK1
and BLK0 (address 12916).
Settings are given below.
For detail, see DISPLAY FORM 1 (1).
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn="0"
Matrix-outline border
Character
Border
Matrix-outline
DSPn="1"
Matrix-outline
Border
Matrix-outline
Charcter
(At register BCOL="0")
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com