Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35075-XXXFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 15Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 12 of 44
REJ03B0180-0110
M35075-XXXFP
(3) Address 12216
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Function
Contents
Remarks
Status
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
TEST11
TEST12
TEST13
TEST14
TEST15
TEST16
TEST17
"L" output or negative polarity output (BLNK0 output).
"H" output or positive polarity output (BLNK0 output).
"L" output or negative polarity output (R signal output).
"H" output or positive polarity output (R signal output).
"L" output.
"H" output.
"L" output or negative polarity output (G signal output).
"H" output or positive polarity output (G signal output).
"L" output.
"H" output.
"L" output or negative polarity output (B signal output).
"H" output or positive polarity output (B signal output).
"L" output.
"H" output.
"L" output.
"H" output.
Can not be used.
It should be fixed to "1".
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
P0 pin data control.
P1 pin data control.
P2 pin data control.
P3 pin data control.
P4 pin data control.
P5 pin data control.
P6 pin data control.
P7 pin data control.
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com