Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35075-XXXFP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 37Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 38Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 39Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 40Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 41Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 42Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 43Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 44Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 45Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 44 of 44
REJ03B0180-0110
M35075-XXXFP
PACKAGE OUTLINE
SSOP24-P-300-0.80
Weight(g)
–
JEDEC Code
0.2
EIAJ Package Code
Lead Material
Cu Alloy
24P2Q-A
Plastic 24pin 300mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
–
–
.3
0
0
.18
0
.0
10
.2
5
–
.5
7
.4
0
–
–
–
.27
1
.1
0
–
.8
1
.35
0
.2
0
.1
10
.3
5
.8
0
.8
7
.6
0
.25
1
–
.62
7
–
.2
0
.1
2
–
.45
0
.25
0
.2
10
.4
5
–
.1
8
.8
0
–
.1
0
–
b2
–. 5
0–
–
0
°
–
e
e1
24
13
12
1
D
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
–
–
Z1
0.65
–
–
0.8
z
Detail G
z
Z1
b
G
MMP
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com