Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35075-XXXFP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M35075-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 26Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 27Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 28Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 29Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 30Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 31Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 32Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 33Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 30 of 44
REJ03B0180-0110
M35075-XXXFP
Fig.22 Example of the M35075-XXXFP peripheral circuit (External clock mode 2. At EXCK1 = "1", EXCK0 = "1")
1.0kΩ
0.01µF
47PF
1µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
CPOUT
VSS2
AC
TCK
VDD1
P6
P7
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
+5V
+5V
BLNK0
R
G
B
+
–
+
–
–
+
11
12
NC
NC
NC
BIN
24
23
22
21
CS
SCK/SCL
SIN/SDA
Note : Connect CS pin to VDD at the time of I2C-Bus communication use.
Note 1: Use this 1% precision element
Note 2: Use this 10% precision element
100µF
1µF
0.01µF
100µF
1µF
0.01µF
Synchronous
signal
generator
Microcomputer
External clock
Horizontal synchronors signal (5V)
Vertical synchronors signal (5V)
(note 1)
(note 2)
(note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com