Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0299B Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 10Page - STMicroelectronics STV0299B Datasheet HTML 11Page - STMicroelectronics STV0299B Datasheet HTML 12Page - STMicroelectronics STV0299B Datasheet HTML 13Page - STMicroelectronics STV0299B Datasheet HTML 14Page - STMicroelectronics STV0299B Datasheet HTML 15Page - STMicroelectronics STV0299B Datasheet HTML 16Page - STMicroelectronics STV0299B Datasheet HTML 17Page - STMicroelectronics STV0299B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
STV0299B
14/36
4
FUNCTIONAL DESCRIPTION (continued)
4.4 Carrier Recovery and Derotator Loop
The tracking range of the derotator is
± f
M_CLK/2
(
± f
sampling/2). The initial frequency search may
therefore be performed on several MHz ranges
without reprogramming the tuner.
Three phase detectors are selectable using
software:
• Phase detector algorithm 0: This algorithm
should only be used for BPSK reception.
• Phase detector algorithm 1: This algorithm is
used with QPSK reception, over a small range
of capture phases and with a channel noise
value over 4.5 dB.
• Phase
detector
algorithm
2:
For
QPSK
reception, it is used after locking, to minimize
the
bit
error
rate
in
low
channel
noise
conditions. Algorithm 2 is recommended for
most applications.
The
loop
is
controlled
through
α and β
parameters.
The carrier loop control registers (the Alpha
Carrier Register, the Beta Carrier Register and the
Carrier Frequency Register) are in Addresses 13,
14, 22 and 23.
4.4.1
Loop Parameters
Like the timing loop, the carrier loop is a
second-order system where two parameters,
α
and
β, may be programmed with alpha_car and
beta_car respectively.
The natural frequency (fn) is:
The damping factor is:
where
α =(2+a)
2b214, with b ≥ 1, and
β = (4+2c+d)
2e, with e ≥ 1. m2 is the reference
level in the AGC2 register.
4.4.2
Carrier Lock Detector
The carrier lock detector provides an indicator
with a high value when the carrier is locked,
dependent on the channel noise. When the carrier
is not locked, the indicator value is low.
The
indicator
value
is
compared
to
a
programmable 8-bit threshold (Register 15h). The
result of this comparison (1 if greater than the
threshold, else 0 if not) is written as the Carrier
Found flag (CF), and may be read in the status
register. The CF signal may be permanently
routed on the output LOCK (see Register 08h).
The Lock Detector Threshold Register and Lock
Detector Value Register are in Addresses 15 and
1C.
4.4.3
Derotator Frequency
The derotator frequency can be either measured
(read operation) or forced (write operation).
Derot_freq is a 16-bit signed value.
The Derot_freq Registers are Registers 22 and
23.
4.4.4
Carrier Frequency Offset Detector
The carrier recovery loop features a carrier
frequency
offset
detector
and
two
phase
detectors. When the carrier frequency offset
detector is enabled, the central loop frequency is
modified proportionally to the carrier offset. The
gain and time constants of the detector are set by
CFD[6:4] and CFD[3:2] respectively. When the
carrier loop is about to “phase lock” with the
carrier, the frequency detector stops automatically
and the phase lock is ensured by the selected
phase
detector.
This
switchover
point
is
determined by the threshold CFD [1:0].
For stability reasons, the gain CFD [6:4] should
not exceed the coefficient e[3:0] of Register
BCLC.
The carrier frequency offset detector is in Address
12.
4.5 Noise Indicator
The noise indicator may be used to facilitate the
antenna pointing or to give an idea of the RF
signal quality and of the front-end installation
(dish, LNB, cable, tuner or ADC).
A
simple
C/N
estimator
can
be
easily
implemented by comparing the current indications
with a primarily-recorded look-up table.
The time constant ranges from 4 k to 256 k
symbols. The 16 MSB of the result may be read by
the microprocessor (Registers 24 and 25).
f
n
710
6
f
M_CLK
m2
β
()
f
S
f
M_CLK
----------------
⋅⋅
=
ξ
22 10
6
α m2
β
---------
f
S
f
M_CLK
----------------
=
freq
()
kHz
Derot_freq
2
16
------------------------------
f
M_CLK
()
kHz
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com