Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2145 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 3Page - STMicroelectronics STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics STV2145 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (pin 5)
9
V
VSCL,VSDA
Separated Protection Structures to these Pins 1 and 2
6
V
VSENSP,VSENSM
No Protection Diodes to VCC in Order to Allow Half Bridge
Operation (Pins 15 and 16)
20
V
Toper
Operating Ambient Temperature
0, +70
°C
Tstg
Storage Temperature
-55, +150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
70
oC/W
ELECTRICAL CHARACTERISTICS (VCC = 7.8V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY (Pin 5) (see Note 1)
Pmax
Total Power Consumption
Typical power consumption
0.15
W
Imax
Current Capability (Pin 4)
Maximum current pulled down by Pin 4
15
mA
Line Ripple Rejection
(see Note 2)
External transistor, Pin 4 connected with
3.3k
Ω against Power Supply (e.g. 12V ;
recommended current into REG = 1mA),
∆VCC / ∆Vpower
-35
dB
Load Regulation
(see Note 2)
External transistor, Pin 4 connected with
3.3k
Ω against Power Supply (12V),
∆VCC / ∆IE(regulation transistor)
1
mV/mA
VNOM
Regulation Voltage
External regulation transistor, Pin 4
connected via 3.3k
Ω resistor against 12V
7.5
7.8
8.2
V
I
2C BUS (Pins 1 and 2)
VTH
Input Threshold Voltage
1.5
2.1
2.7
V
IBUS
Input Current
V1 and V2 =5V
40
µA
Data
Saturation Voltage
Open collector of pull-down transistor at
5mA
0.5
V
Pull-down Current
No pull-down capability.
Pin 1 can’t be pulled down to slow down
clock SCL of microprocessor
fMax.
Maximum Toggle Frequency
200
kHz
TIME BASE GENERATION INTERFACES
HFLY INTERFACE (Pin 10)
Polarity of Horizontal Flyback
Preferable heater-winding of EHT-
transformer (flyback voltage positive
during horizontal flyback)
Positive
VTH
Threshold Voltage
VBE voltage comparator
0.5
0.7
1.0
V
VCLP
Positive Clamp Voltage
Clamping voltage = VTH +VBE
1.6
V
ICLPP
Maximum Positive Clamping
Current
Input voltage exceeds positive clamping
voltage
4mA
VCLP
Negative Clamping Voltage
Clamping voltage = VTH -VBE
0V
ICLPP
Minimum Negative
Clamping Current
Input voltage smaller than negative
clamping voltage
-2
mA
Notes :
1.
Supply voltage is regulated via external series regulator transistor.
2.
Parameter is not tested during production, but it is guaranteed by the design and qualified by means of corner lots.
STV2145
7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com