Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2145 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 5 Page - STMicroelectronics

  STV2145 Datasheet HTML 1Page - STMicroelectronics STV2145 Datasheet HTML 2Page - STMicroelectronics STV2145 Datasheet HTML 3Page - STMicroelectronics STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
I
2C BUS INFORMATION (continued)
Subaddress 1 (hex 01) : Vertical Sawtooth Amplitude
MSB
LSB
V6
V5
V4
V3
V2
V1
V0
V6, V5, V4, V3,
V2, V1, V0
: V_AMPLITUDE
0000000 (hex 00) : Minimal V_AMPLITUDE (0.46VPP on SENSP/SENSM)
1111111 (hex 7F) : Maximal V_AMPLITUDE (1.16VPP on SENSP/SENSM)
Subaddress 2 (hex 02) : Vertical Shift & Vertical Position
MSB
LSB
TEST_MODE
SUB_TITLE
V4
V3
V2
V1
V0
TEST_MODE
: 0
: Normal operations
1
: Reserved for SGS-THOMSON test
SUB_TITLE
: DC shift of vertical sawtooth
0
: Normal operations
1
: Vertical Sawtooth shifted by 90mV upwards and unsymmetrical vertical
oversize blanking (if nominal amplitude = V_AMPLITUDE = hex40)
V4, V3, V2, V1, V0 : Vertical position (V_DC)
00000 (hex 00) : Minimal position (picture shifted down by -65mV on SENSP/SENSM)
11111 (hex 1F) : Maximal position (picture shifted up by +65mV on SENSP/SENSM)
Subaddress 3 (hex 03) : Horizontal Oversize Blanking & EW-Amplitude
MSB
LSB
OV_BLK_HOR2
OV_BLK_HOR1
E4
E3
E2
E1
E0
OV_BLK_HOR1,
OV_BLK_HOR2
: Horizontal oversize blanking (see Table 2)
Table 2
TV Mode
OV_BLK_HOR2
OV_BLK_HOR1
Reference is Rising Edge
of Positive HFLY-Back (
µs)
Start of Blanking
End of Blanking
STANDARD 4 :3
0
Don’t Care
0
11.5
ZOOM 1 (14:9)
1
0
-1.7
13.7
ZOOM 2 (16:9)
1
1
-3.2
15.2
E4, E3, E2, E1, E0 : EW-AMPLITUDE
00000 (hex 00) : Maximal parabola amplitude = 0.74V for EW_LOW = 0 ; 0.48V for
EW_LOW = 1
11111 (hex 1F) : Minimal parabola amplitude = 0.26V for EW_LOW = 0 ; 0.0V for
EW_LOW = 1
Subaddress 4 (hex 04) : EW_SHAPE
EW_SHAPE
: 0000 (hex 00) : Maximal parabola flattening (flattened corners of parabola)
1111 (hex 0F) : Minimal parabola flattening (ideal parabola)
STV2145
5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com