Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2145 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics STV2145 Datasheet HTML 11Page - STMicroelectronics STV2145 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ELECTRICAL CHARACTERISTICS (continued) (VCC = 7.8V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TIME-BASE GENERATION INTERFACES (continued)
OVERSIZE BLANKING OUTPUT (Pin 11) (see Note 3)
IO
Output Current
VOBLK (Saturation Voltage) < 0.5V
10
mA
VO
Output Voltage
IOBLK = 5mA
0
0.4
V
tR,tF
Rise Time / Fall Time
Output Load = 2.2k
Ω against VCC
100
ns
HORIZONTAL OVERSIZE BLANKING (Pin 11) (see Figure 1)
OBR
OBL
Horizontal Oversize
Bus register OV_BLK_HOR1,2 = (00)
-0.3
0.3
µs
µs
OBR
OBL
Horizontal Oversize
Bus register OV_BLK_HOR1,2 = (01)
1.45
1.5
1.9
1.7
2.35
1.9
µs
µs
OBR
OBL
Horizontal Oversize
Bus register OV_BLK_HOR1,2 = (11)
2.95
2.9
3.4
3.2
3.85
3.6
µs
µs
OBR
OBL
Horizontal Oversize
Blanking Unsymmetry
Bus register OV_BLK_HOR1,2 = (11)
-0.4
0.2
0.8
µs
FH2 PHASE COMPARATOR (Pin 6)
IOUT
Output Current
100
µA
∆I
Current Ratio
Ratio of charging / discharging current
(unsymmetry)
1
VRET INTERFACE (Pin 3)
Polarity of VRET
Negative pulse, starts the vertical retrace
Negative
VTH
Threshold Voltage
VCC = 7.8V (threshold value derived from VCC)
2.7
3.0
3.3
V
IIN
Input Current
Input Voltage : 0V < VVRET < 7.8V
-5
+5
µA
VERTICAL DEFLECTION
VERTICAL LOGIC (countdown circuit for vertical deflection, 50/60Hz recognition and vertical oversize blanking)
Free Running Period
No V_Sync pulses (VRET) present
377
lines
Search Window 60Hz
240
277
lines
VERTICAL OVERSIZE BLANKING (countdown circuit used also for vertical oversize blanking) (Pin 11)
Oversize Blanking Disable
OV_BLK_VERT1,2 = (0,0)
SUB_TITLE = 0 ; there is no influence of 50 or
60Hz Mode (OBLK always low-level)
No Blanking
Vertical Oversize Blanking
Subtitle Mode
SUB_TITLE = 1; values are the blanked lines
Input Frequency fVRET = 50Hz
Input Frequency fVRET = 60Hz
302
259
67
59
middle
of line
Vertical Oversize Blanking
Zoom 1 Mode
OV_BLK_VERT1,2 = (1,0)
SUB_TITLE = 0 ; values are the blanked lines
Input Frequency fVRET = 50Hz
Input Frequency fVRET = 60Hz
285
239
49
43
middle
of line
Vertical Oversize Blanking
Zoom 2 Mode
OV_BLK_VERT1,2 = (1,1)
SUB_TITLE = 0 ; values are the blanked lines
Input Frequency fVRET = 50Hz
Input Frequency fVRET = 60Hz
278
234
59
49
middle
of line
Vertical Oversize Blanking
Blank Mode
OV_BLK_VERT1,2 = (0,1)
SUB_TITLE = 0 ; there is no influence of 50 or
60Hz Mode (OBLK always high-level)
Full Blanking
Notes :
3.
Open collector output, polarity positive :
High (high impedance) : oversize blanking
Low (transistor pulled to Ground) : no blanking
STV2145
8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com