Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2145 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 2Page - STMicroelectronics STV2145 Datasheet HTML 3Page - STMicroelectronics STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
I
2C BUS INFORMATION (continued)
Subaddress 5 (hex 05) : EW_Parabola Range Switch & East-West - Tilt Adjustment
MSB
LSB
EW_LOW
T4
T3
T2
T1
T0
EW_LOW
: Switch for parabola amplitude range
0
: Parabola amplitude from 0.26 to 0.74V
1
: Parabola amplitude from 0 to 0.48V
T4, T3, T2, T1, T0 : East-west tilt (unsymmetry)
00000 (hex 00) : Minimal position : parabola unsymmetrical, (higher on the top of
the picture)
10000 (hex 10) : Parabola symmetrical
11111 (hex 1F) : Maximal position : parabola unsymmetrical, (lower on the top of
the picture)
Subaddress 6 (hex 06) : Picture Width (H_WIDTH)
MSB
LSB
TEST_MODE
W5
W4
W3
W2
W1
W0
TEST_MODE
: 0
: Normal operations
1
: Reserved for SGS-THOMSON test
W5, W4, W3, W2,
W1, W0
: H_WIDTH (picture width)
000000 (hex 00) : Minimal position : DC_Value of parabola minimal
111111 (hex 3F) : Maximal position : DC_Value of parabola maximal
Output Signals (Read Mode)
MSB
LSB
PON_RESET
S60/50
VCO_LOCK
VERS_NBR
VERS_EXT
PON_RESET
: 1
: If Voltage drop has been detected (risk of data loss in latch memory)
S60/50
: 0
: If VRET frequency = 50Hz
1
: If VRET frequency = 60Hz
VCO_LOCK
: 0
: If PLL FH2 is out of frequency or phase
1
: If PLL FH2 has locked
VERS_NBR
: Number of actual cut (for SGS-THOMSON use)
VERS_EXT
: Number of metal version (for SGS-THOMSON use)
STV2145
6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com