Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2145 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics STV2145 Datasheet HTML 11Page - STMicroelectronics STV2145 Datasheet HTML 12Page - STMicroelectronics STV2145 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ELECTRICAL CHARACTERISTICS (continued) (VCC = 7.8V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VERTICAL DEFLECTION (continued)
VERTICAL RAMP GENERATOR (see Figure 2) (see Note 6)
VSAW
Sawtooth Amplitude
Min. Value
Max. Value
S_CORRECTION = 1111
Register V_AMPLITUDE
= minimum (0000000) value VPP for 190 lines
difference
= maximum (1111111) value VPP for 190 lines
difference
0.38
1.11
0.46
1.16
0.55
1.21
V
V
VMID
Sawtooth DC-Level
Nom. Value
Min. Value
Max. Value
SUB_TITLE = 0
Register V_DC = (10000) ; (no V-shift)
Register V_DC = (00000) ; (UP-shift)
Register V_DC = (11111) ; (DOWN-shift)
55
-75
0
65
-65
75
-55
mV
mV
V_SUBTITLE (see Note 7)
SUB_TITLE
Vertical DC-Shift
for Subtitle Mode
Register SUB_TITLE = 1 (this value affects a
vertical UP-shift of about 20 lines)
70
90
110
mV
VERTICAL S-CORRECTION (see Figure 3) (See Notes 4 and 5)
TFMID
Middle Fix Point
50Hz Mode ; measurement method : difference
SCOMAX - SCOMIN is measured at line 160 and
174 ; the middle line TFMID is calculated by linear
interpolation (for 60Hz , the middle line shifts to
line 140 ; not measured)
157
167
177
line
∆VFUP
∆VFLOW
Fix-Point
Upper at line 72
Lower at line 262
50Hz Mode
Difference
∆VFUP = SCOMAX - SCOMIN measured
at line 72 if V_AMPLITUDE = (1111111)
Difference
∆VFLOW = SCOMAX - SCOMIN measured
at line 262 if V_AMPLITUDE = (1111111)
0
∆VSAWMAX
Maximum Correction
Voltage
at line 127
at line 207
50Hz Mode
Difference
∆VFUP = SCOMAX - SCOMIN measured
at line 127 if V_AMPLITUDE = (1111111)
Difference
∆VFLOW = SCOMAX - SCOMIN measured
at line 207 if V_AMPLITUDE = (1111111)
20
-60
40
-40
60
-20
mV
mV
VERTICAL BREATHING (Pin 9) (Breathing effect BR = 100% * (VSAW -VSAWB)/ VSAW)
(see Notes 4 and 5) (see Figure 4)
BRMin
BRMax
Breathing Effect
Min. Value
Max. Value
V9 = 7.8V
V9 = 1.5V measurement at line 72 and 262
0
5.3
%
%
VERTICAL BRIDGE AND OUTPUT STAGE (see Figure 5)
Sense Input Voltage
Min. Value
Max. Value
Input Pins 16 and 15 - Differential input
(see Note 2)
V14
≤ 3V
V14
≤ 5V
10
20
V
V
Input Impedance
(Pins 15-16)
Resistor value of the internal resistor-bridge
15
k
IOUT
Output Current
(Pin 14)
V14 = 3V, V16 and V15 > 10V
±100
µA
VOUT
Output Voltage
(Pin 14)
Min. Value
Max. Value
V16 > 10V
1
5
V
V
∆IOUT /∆VIN Transconductance
(Pin 14)
Input voltage
∆VIN = difference voltage between
Pin 16 and Pin 15
0.5
mA/V
Notes :
2.
Parameter is not tested during production, but it is guaranteed by the design and qualified by means of corner lots.
4.
Parameter is measured in EWS, with limits enlarged due to tester accuracy
5.
Vertical output signals like vertical sawtooth, breathing and S-correction can only be measured via external test circuit (see
Figure 10).
6.
Voltage VSAW only indirectly measurable via application circuit in closed loop condition (voltage-drop across RSENS) for all vertical
functions : see Note 5.
7.
DC-shift of internal sawtooth-voltage; thus maintenance of fix-points for EW-Parabola and S-CORRECTION
STV2145
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com