Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37207MF Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 60Page - Renesas Technology Corp M37207MF Datasheet HTML 61Page - Renesas Technology Corp M37207MF Datasheet HTML 62Page - Renesas Technology Corp M37207MF Datasheet HTML 63Page - Renesas Technology Corp M37207MF Datasheet HTML 64Page - Renesas Technology Corp M37207MF Datasheet HTML 65Page - Renesas Technology Corp M37207MF Datasheet HTML 66Page - Renesas Technology Corp M37207MF Datasheet HTML 67Page - Renesas Technology Corp M37207MF Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
MITSUBISHI MICR
OCOMPUTERS
M37207MF-XXXSP/FP
, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
63
Border Selection Register
Example of Output
Functions
MDn1
!
0
Border including character output
Ordinary
R, G, B, I output
OUT output
R, G, B, I output
OUT output
Table 12. Relationship between Set Value in Border Selection Register and Character Border Function
1
Border only output
R, G, B, I output
OUT output
MDn1
0
1
1
Fig. 58. Border Selection Register
b7 b6 b5 b4 b3 b2 b1 b0
Border selection register (MD) [Address 00E5 16]
B
Name
Functions
After reset
R W
Border Selection Register
0
Block 1 OUT output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
1
Indeterminate
2
Block 2 OUT output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
Indeterminate
RW
RW
RW
0
6, 7 Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
R—
Block 1 OUT output
switch bit (MD11)
0 : Border including character
1 : Border only
3
Indeterminate RW
Block 2 OUT output
switch bit (MD21)
0 : Border including character
1 : Border only
4
Block 3 OUT output
border selection bit (MD30)
0 : Same output as character output
1 : Border output
Indeterminate RW
5
Indeterminate RW
Block 3 OUT output
switch bit (MD31)
0 : Border including character
1 : Border only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com