Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37207MF Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 12Page - Renesas Technology Corp M37207MF Datasheet HTML 13Page - Renesas Technology Corp M37207MF Datasheet HTML 14Page - Renesas Technology Corp M37207MF Datasheet HTML 15Page - Renesas Technology Corp M37207MF Datasheet HTML 16Page - Renesas Technology Corp M37207MF Datasheet HTML 17Page - Renesas Technology Corp M37207MF Datasheet HTML 18Page - Renesas Technology Corp M37207MF Datasheet HTML 19Page - Renesas Technology Corp M37207MF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
15
Fig. 7. Memory Map of 2 Page Register
Address
Register
sSFR Area (addresses 20416 to 21B16)
21016
21116
21216
21316
21416
21516
21616
21716
21816
21916
21A16
21B16
ROM correction address 1 (high-order)
ROM correction address 1 (low-order)
ROM correction address 2 (high-order)
ROM correction address 2 (low-order)
ROM correction enable register (RCR)
b7
b0
Bit allocation
State immediately after reset
b7
b0
: “0” immediately after reset
: Undefined immediately
after reset
0
1
?
<State immediately after reset >
: “1” immediately after reset
: Fix this bit to “0”
(do not write “1”)
:
< Bit allocation >
Function bit
: No function bit
: Fix this bit to “1”
(do not write “0”)
Name
:
1
0
?
?
P7D0
0016
0016
0
00
0
0
0
OP1 OP0
0016
0016
0
0016
?
?
0
0?
?
?
?
0016
P7D1
P7D2
P7D4
CBR0
CBR1
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
SIC0
SIC1
SIC2
SIC3
SIC4
SIC5
SIC8
SIC7
TMR30
?
?
?
?
0
0
RC1 RC0
?
?
?
?
0016
0016
0016
0016
?
??
?
0
00
0
?
?
?
20416
20516
20616
20716
20816
20916
20A16
20B16
20C16
20D16
20E16
20F16
Timer 5 (T5)
Timer 6 (T6)
Port control register (P7D)
Serial I/O control register (SIC)
CRT control register 2 (CBR)
CRT clock selection register (OP)
A-D control register (ADC)
Timer mode register (TMR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com