Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37207MF Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 72Page - Renesas Technology Corp M37207MF Datasheet HTML 73Page - Renesas Technology Corp M37207MF Datasheet HTML 74Page - Renesas Technology Corp M37207MF Datasheet HTML 75Page - Renesas Technology Corp M37207MF Datasheet HTML 76Page - Renesas Technology Corp M37207MF Datasheet HTML 77Page - Renesas Technology Corp M37207MF Datasheet HTML 78Page - Renesas Technology Corp M37207MF Datasheet HTML 79Page - Renesas Technology Corp M37207MF Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
75
Power source voltage 0 V
Reset input voltage 0 V
4.5 V
0.6 V
Poweron
Vcc
RESET
Vss
Microcomputer
1
5
4
3
0.1
µF
M51953AL
RESET CIRCUIT
When the oscillation of a quartz-crystal oscillator or a ceramic reso-
nator is stable and the power source voltage is 5 V ± 10 %, hold the
______
RESET pin at LOW for 2 µs or more, then return is to HIGH. Then, as
shown in Figure 75, reset is released and the program starts from
the address formed by using the content of address FFFF16 as the
high-order address and the content of the address FFFE16 as the
low-order address. The internal state of microcomputer at reset are
shown in Figure 75.
An example of the reset circuit is shown in Figure 74.
The reset input voltage must be kept 0.6 V or less until the power
source voltage surpasses 4.5 V.
Fig. 74. Example of Reset Circuit
Fig. 75. Reset Sequence
XIN
φ
RESET
Internal RESET
SYNC
Address
Data
32768 count of XIN
clock cycle (Note 3)
Reset address from the vector table
?
?
01, S
01, S-1 01, S-2
FFFE
FFFF
ADH,
ADL
?
?
?
?
?
ADL
ADH
Notes 1 :
:
:
f(XIN) and f(
φ) are in the relation : f(XIN) = 2·f (φ).
2
A question mark (?) indicates an undefined state that
depends on the previous state.
3
Immediately after a reset, timer 3 and timer 4 are
connected by hardware. At this time, “FF16” is set
in timer 3 and “0716” is set to timer 4. Timer 3 counts down
with f(XIN)/16, and reset state is released by the timer 4
overflow signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com