Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37207MF Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 21Page - Renesas Technology Corp M37207MF Datasheet HTML 22Page - Renesas Technology Corp M37207MF Datasheet HTML 23Page - Renesas Technology Corp M37207MF Datasheet HTML 24Page - Renesas Technology Corp M37207MF Datasheet HTML 25Page - Renesas Technology Corp M37207MF Datasheet HTML 26Page - Renesas Technology Corp M37207MF Datasheet HTML 27Page - Renesas Technology Corp M37207MF Datasheet HTML 28Page - Renesas Technology Corp M37207MF Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
24
Fig. 17. Timer Block Diagram
1/4096
1/2
CM7
TMR15
1/8
8
8
8
TMR10
TMR12
TMR14
TMR11
TMR13
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
Data bus
Timer 1
interrupt request
Timer 2
interrupt request
Timer 3
interrupt request
Reset
STP instruction
TMR20
TMR22
Timer 4
interrupt request
TMR24
TMR23
TMR21
TMR16
Timer 5
interrupt request
TMR27
TMR25
Timer 6
interrupt request
TMR17
TMR26
XCIN
XIN
TIM2
TIM3
Selection gate : Connected to
black side at
reset.
TMR1 : Timer mode register 1
TMR2 : Timer mode register 2
TMR3 : Timer mode register 3
CM : CPU mode register
FF16
0716
TMR15
TMR30
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer 3 latch(8)
Timer 4 latch (8)
Timer 3 (8)
Timer 4 (8)
Timer 5 latch (8)
Timer 5 (8)
Timer 6 (8)
Timer 6 latch (8)
Notes 1: HIGH pulse width of external clock inputs TIM2 and TIM3 needs 4 machine cycles or more.
2: When the external clock source is selected, timers 1, 2, and 3 are counted at a rising edge of input signal.
3: In the stop mode or the wait mode, external clock inputs TIM2 and TIM3 cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com