Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37207MF Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 75Page - Renesas Technology Corp M37207MF Datasheet HTML 76Page - Renesas Technology Corp M37207MF Datasheet HTML 77Page - Renesas Technology Corp M37207MF Datasheet HTML 78Page - Renesas Technology Corp M37207MF Datasheet HTML 79Page - Renesas Technology Corp M37207MF Datasheet HTML 80Page - Renesas Technology Corp M37207MF Datasheet HTML 81Page - Renesas Technology Corp M37207MF Datasheet HTML 82Page - Renesas Technology Corp M37207MF Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
78
Fig. 79. State Transitions of System Clock
Reset
The example assumes that 8 MHz is being applied to the X IN pin and 32 kHz to the X CIN pin. The
φ indicates the internal clock.
WIT instruction
CM7 : Internal system clock selection bit
0 : X IN–XOUT selected (high-speed mode)
1 : X CIN–XCOUT selected (low-speed mode)
CPU mode register
(Address : 00FB 16)
CM6 : Main clock (X IN–XOUT) stop bit
0 : Oscillating
1 : Stopped
8MHz oscillating
32kHz oscillating
φ is stopped (HIGH)
Timer operating
8MHz oscillating
32kHz oscillating
f(
φ) = 4MHz
8MHz stopped
32kHz stopped
φ is stopped (HIGH)
8MHz oscillating
32kHz oscillating
φ is stopped (HIGH)
Timer operating
(Note 3)
8MHz oscillating
32kHz oscillating
f(
φ) = 16kHz
8MHz stopped
32kHz stopped
φ is stopped (HIGH)
8MHz stopped
32kHz stopped
φ = stopped (HIGH)
8MHz stopped
32kHz oscillating
f(
φ) = 16kHz
8MHz stopped
32kHz oscillating
φ is stopped (HIGH)
Timer operating
(Note 3)
Interrupt
STP instruction
Interrupt (Note 1)
WIT instruction
Interrupt
WIT instruction
Interrupt
STP instruction
Interrupt (Note 2)
STP instruction
Interrupt (Note 2)
XC = 1
XC = 0
CM6 = 1
CM6 = 0
External INT,
timer interrupt,
or SI/O interrupt
External INT,
or SI/O interrupt
Notes 1: When the STP state is ended, a delay of approximately 8ms is automatically generated by timer 3 and timer 4.
2: The delay after the STP state ends is approximately 2s.
3: When the internal clock
φ divided by 8 is used as the timer count source, the frequency of the count source is 2kHz.
The program must
allow time for 8MHz
oscillation to stabilize
High-speed operation
start mode
WIT instruction
8MHz oscillating
32kHz oscillating
φ is stopped (HIGH)
Timer operating
8MHz oscillating
32kHz oscillating
f(
φ) = 4MHz
8MHz stopped
32kHz stopped
φ is stopped (HIGH)
Interrupt
STP instruction
Interrupt (Note 1)
CM7 = 1
CM7 = 0
External INT,
timer interrupt,
or SI/O interrupt
External INT
Port control register
(Address : 0206 16)
XC: P40/XCIN, P41/XCOUT function
selection bit
0 : P40, P41
1 : XCIN, XCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com