Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 30Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 31Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 32Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 33Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 34Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 35Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 36Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 37Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 6 of 1164
REJ09B0321-0200
Item
Features
Power-down modes
• Four power-down modes provided to reduce the current consumption
in this LSI
 Sleep mode
 Software standby mode
 Deep standby mode
 Module standby mode
Multi-function timer
pulse unit 2 (MTU2)
• Maximum 16 lines of pulse inputs/outputs and 3 lines of pulse inputs
based on six channels of 16-bit timers
• 21 output compare and input capture registers
• Input capture function
• Pulse output modes
One shot, toggle, PWM, complementary PWM, and reset-
synchronized PWM modes
• Synchronization of multiple counters
• Complementary PWM output mode
 Non-overlapping waveforms output for 3-phase inverter control
 Automatic dead time setting
 0% to 100% PWM duty cycle specifiable
 A/D converter start request delaying function
 Interrupt skipping at crest or trough
• Reset-synchronized PWM mode
Three-phase PWM waveforms in positive and negative phases can be
output with a required duty value
• Phase counting mode
Two-phase encoder pulse counting available
8-bit timer (TMR)
• Two-channel 8-bit timer
• Six internal clocks (Pφ/2, Pφ/8, Pφ/32, Pφ/64, Pφ/1024, or Pφ/8192) or
external clock specifiable
• Timer outputs controllable using two compare match signals
• Two channels can be cascade-connected
Realtime clock (RTC)
• Internal clock, calendar function, alarm function
• Interrupts can be generated at intervals of 1/256 s by the 32.768-kHz
on-chip crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com