Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 15Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 16Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 17Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 18Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 19Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 20Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 21Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 22Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 1196 page
background image
Rev. 2.00 Sep. 07, 2007 Page xix of xxviii
13.7
Interrupt Sources................................................................................................................ 615
13.7.1 Interrupt Sources................................................................................................... 615
13.7.2 A/D Converter Activation..................................................................................... 616
13.8
Usage Notes ....................................................................................................................... 616
13.8.1 Notes on Setting Cycle.......................................................................................... 616
13.8.2 Conflict between TCNT Write and Clear ............................................................. 616
13.8.3 Conflict between TCNT Write and Increment...................................................... 617
13.8.4 Conflict between TCOR Write and Compare Match ............................................ 617
13.8.5 Conflict between Compare Matches A and B....................................................... 618
13.8.6 Switching of Internal Clocks and TCNT Operation.............................................. 618
13.8.7 Mode Setting with Cascaded Connection ............................................................. 620
13.8.8 Module Standby Setting........................................................................................ 620
13.8.9 Interrupts in Module Standby Mode ..................................................................... 620
Section 14 Watchdog Timer (WDT)..................................................................621
14.1
Features.............................................................................................................................. 621
14.2
Input/Output Pin................................................................................................................. 622
14.3
Register Descriptions ......................................................................................................... 623
14.3.1 Watchdog Timer Counter (WTCNT).................................................................... 623
14.3.2 Watchdog Timer Control/Status Register (WTCSR)............................................ 624
14.3.3 Watchdog Reset Control/Status Register (WRCSR) ............................................ 626
14.3.4 Notes on Register Access...................................................................................... 627
14.4
WDT Usage .......................................................................................................................629
14.4.1 Canceling Software Standby Mode....................................................................... 629
14.4.2 Changing the Frequency ....................................................................................... 629
14.4.3 Using Watchdog Timer Mode .............................................................................. 630
14.4.4 Using Interval Timer Mode .................................................................................. 631
14.5
Usage Notes ....................................................................................................................... 632
14.5.1 Timer Variation..................................................................................................... 632
14.5.2 Prohibition against Setting H'FF to WTCNT........................................................ 632
14.5.3 System Reset by
WDTOVF Signal....................................................................... 632
14.5.4 Manual Reset in Watchdog Timer Mode .............................................................. 633
Section 15 Realtime Clock (RTC) .....................................................................635
15.1
Features.............................................................................................................................. 635
15.2
Input/Output Pin................................................................................................................. 637
15.3
Register Descriptions ......................................................................................................... 637
15.3.1 64-Hz Counter (R64CNT) .................................................................................... 638
15.3.2 Second Counter (RSECCNT) ............................................................................... 639
15.3.3 Minute Counter (RMINCNT) ............................................................................... 640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com