Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 26Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 27Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 28Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 29Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 30Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 31Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 32Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 33Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 2 of 1164
REJ09B0321-0200
Table 1.1
SH7201 Group Features
Item
Features
CPU
• Renesas Technology original SuperH architecture
• Compatible with SH-1 and SH-2 at object code level
• 32-bit internal data bus
• Support of an abundant register-set
 Sixteen 32-bit general registers
 Four 32-bit control registers
 Four 32-bit system registers
 Register bank for high-speed response to interrupts
• RISC-type instruction set (upward compatible with SH series)
 Instruction length: 16-bit fixed-length basic instructions for
improved code efficiency and 32-bit instructions for high
performance and usability
 Load/store architecture
 Delayed branch instructions
 Instruction set based on C language
• Superscalar architecture to execute two instructions at one time
including FPU
• Instruction execution time: Up to two instructions/cycle
• Address space: 4 Gbytes
• Internal multiplier
• Five-stage pipeline
• Harvard architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com