| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 1196 page ![]() Section 1 Overview Rev. 2.00 Sep. 07, 2007 Page 16 of 1164 REJ09B0321-0200 Classification Symbol I/O Name Function 8-bit timer (TMR) TMO0, TMO1 O Timer output Pins for waveform outputs by output compare TMCI0, TMCI1, TMRI0, TMRI1 I Timer clock/timer reset input Input pins for an external clock or an external reset for the timer RTC_X1 I Realtime clock (RTC) RTC_X2 O Crystal resonator for RTC Pin connected to 32.768-kHz crystal resonator TxD7 to TxD0 O Transmit data Data output pins RxD7 to RxD0 I Receive data Data input pins Serial communication interface with FIFO (SCIF) SCK7 to SCK0 I/O Serial clock Clock input/output pins SCL2 to SCL0 I/O Serial clock pin Serial clock input/output pin I 2C bus interface 3 (IIC3) SDA2 to SDA0 I/O Serial data pin Serial data input/output pin SSIDATA0, SSIDATA1 I/O SSI data I/O I/O pins for serial data Serial sound interface (SSI) SSISCK0, SSISCK1 I/O SSI clock I/O I/O pins for serial clocks SSIWS0, SSIWS1 I/O SSI clock LR I/O I/O pins for word selection AUDIO_CLK I External clock for SSI audio Input pin of external clock for SSI audio (32/44.1/48 kHz × 256/384/512). A clock input to the divider is selected from an oscillation clock input on this pin or pins AUDIO_X1 and AUDIO_X2. AUDIO_X1 I AUDIO_X2 O Crystal resonator for SSI audio Pins connected to a crystal resonator for SSI audio. An external clock can be input on pin AUDIO_X1 (32/44.1/48 kHz × 256/384/512). A clock input to the divider is selected from an oscillation clock input on these pins or the AUDIO_CLK pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |