Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 50Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 51Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 52Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 53Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 54Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 55Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 56Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 57Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 26 of 1164
REJ09B0321-0200
2.3
Instruction Features
2.3.1
RISC-Type Instruction Set
Instructions are RISC type. This section details their functions.
(1)
16-Bit Fixed-Length Instructions
Basic instructions have a fixed length of 16 bits, improving program code efficiency.
(2)
32-Bit Fixed-Length Instructions
The SH-2A additionally features 32-bit fixed-length instructions, improving performance and ease
of use.
(3)
One Instruction per State
Each basic instruction can be executed in one cycle using the pipeline system.
(4)
Data Length
Longword is the standard data length for all operations. Memory can be accessed in bytes, words,
or longwords. Byte or word data in memory is sign-extended and handled as longword data.
Immediate data is sign-extended for arithmetic operations or zero-extended for logic operations. It
is also handled as longword data.
Table 2.2
Sign Extension of Word Data
SH-2A CPU
Description
Example of Other CPU
MOV.W
@(disp,PC),R1
ADD
R1,R0
.........
.DATA.W
H'1234
Data is sign-extended to 32
bits, and R1 becomes
H'00001234. It is next
operated upon by an ADD
instruction.
ADD.W
#H'1234,R0
Note:
@(disp, PC) accesses the immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com