Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 129Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 130Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 131Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 132Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 133Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 134Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 135Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 136Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 105 of 1164
REJ09B0321-0200
5.6.2
Interrupt Priority Level
The interrupt priority order is predetermined. When multiple interrupts occur simultaneously
(overlap), the interrupt controller (INTC) determines their relative priorities and starts processing
according to the results.
The priority order of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest
and priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is
always accepted. The user break interrupt and H-UDI interrupt priority level is 15. Priority levels
of IRQ interrupts, PINT interrupts, and on-chip peripheral module interrupts can be set freely
using the interrupt priority registers 01, 02, and 05 to 16 (IPR01, IPR02, and IPR05 to IPR16) of
the INTC as shown in table 5.9. The priority levels that can be set are 0 to 15. Level 16 cannot be
set. See section 6.3.1, Interrupt Priority Registers 01, 02, 05 to 16 (IPR01, IPR02, IPR05 to
IPR16), for details of IPR01, IPR02, and IPR05 to IPR16.
Table 5.9
Interrupt Priority Order
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked
User break
15
Fixed priority level
H-UDI
15
Fixed priority level
IRQ
0 to 15
PINT
Set with interrupt priority registers 01, 02, and 05
to 16 (IPR01, IPR02, and IPR05 to IPR16)
On-chip peripheral module
0 to 15
Set with interrupt priority registers 01, 02, and 05
to 16 (IPR01, IPR02, and IPR05 to IPR16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com