Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 137Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 138Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 139Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 140Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 141Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 142Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 143Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 144Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 113 of 1164
REJ09B0321-0200
5.10
Usage Notes
5.10.1
Value of Stack Pointer (SP)
The value of the stack pointer must always be a multiple of four. If it is not, an address error will
occur when the stack is accessed during exception handling.
5.10.2
Value of Vector Base Register (VBR)
The value of the vector base register must always be a multiple of four. If it is not, an address error
will occur when the stack is accessed during exception handling.
5.10.3
Address Errors Caused by Stacking of Address Error Exception Handling
When the stack pointer is not a multiple of four, an address error will occur during stacking of the
exception handling (interrupts, etc.) and address error exception handling will start up as soon as
the first exception handling is ended. Address errors will then also occur in the stacking for this
address error exception handling. To ensure that address error exception handling does not go into
an endless loop, no address errors are accepted at that point. This allows program control to be
shifted to the address error exception service routine and enables error processing.
When an address error occurs during exception handling stacking, the stacking bus cycle (write) is
executed. During the stacking of the status register (SR) and program counter (PC), the SP is
decremented by 4 for both, so the value of SP will not be a multiple of four after the stacking
either. The address value output during stacking is the SP value, so the address where the error
occurred is itself output. This means the write data stacked will be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com