Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 148Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 149Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 150Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 151Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 152Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 153Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 154Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 155Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 124 of 1164
REJ09B0321-0200
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
00000000
R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*
Note:
Only 0 can be written to clear the flag after 1 is read.
*
00000000
RRRRRRRR
————————
IRQ7F IRQ6F IRQ5F IRQ4F IRQ3F IRQ2F IRQ1F IRQ0F
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
IRQ7F
0
R/(W)*
6
IRQ6F
0
R/(W)*
5
IRQ5F
0
R/(W)*
4
IRQ4F
0
R/(W)*
3
IRQ3F
0
R/(W)*
2
IRQ2F
0
R/(W)*
1
IRQ1F
0
R/(W)*
0
IRQ0F
0
R/(W)*
IRQ Interrupt Request
These bits indicate the status of the IRQ7 to IRQ0
interrupt requests.
Level detection:
0: IRQn interrupt request has not occurred
[Clearing condition]
• IRQn input is high
1: IRQn interrupt has occurred
[Setting condition]
• IRQn input is low
Edge detection:
0: IRQn interrupt request is not detected
[Clearing conditions]
• Cleared by reading IRQnF while IRQnF = 1, then
writing 0 to IRQnF
• Cleared by executing IRQn interrupt exception
handling
1: IRQn interrupt request is detected
[Setting condition]
• Edge corresponding to IRQn1S or IRQn0S of
ICR1 has occurred at IRQn pin
[Legend]
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com