Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 332Page - Renesas Technology Corp HD6417618 Datasheet HTML 333Page - Renesas Technology Corp HD6417618 Datasheet HTML 334Page - Renesas Technology Corp HD6417618 Datasheet HTML 335Page - Renesas Technology Corp HD6417618 Datasheet HTML 336Page - Renesas Technology Corp HD6417618 Datasheet HTML 337Page - Renesas Technology Corp HD6417618 Datasheet HTML 338Page - Renesas Technology Corp HD6417618 Datasheet HTML 339Page - Renesas Technology Corp HD6417618 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 304 of 610
REJ09B0131-0600
(b)
Countermeasure by adding timeout processing
1. Prepare multiple transmit descriptors so that multiple frames can be transmitted.
2. After setting the descriptors, set bit 0 (TR) in the E-DMAC transmit request register (EDTRR)
to start transmission.
3. Before setting the next frame for transmission in the transmit descriptor (when a transmission
task arises), check the TACT bit in the corresponding transmit descriptor.
4. If the TACT bit is clear, set the frame for transmission in the corresponding transmit descriptor
and set the TR bit in EDTRR to start transmission. If the TACT bit is set to 1, place the
transmission task in a waiting state by making an OS service call of a routine with a timeout
function (e.g. acquire a semaphore that has a timeout).
Note:
Before setting the TR bit in EDTRR, always read the TR bit and make sure that TR = 0.
5. When the transmission task has left the waiting state and entered the execution state within the
time limit, set the frame for transmission in the corresponding transmit descriptor and then set
the TR bit in EDTRR to start transmission. Taking the transmission task out of the waiting
state should be done by the interrupt handler when the TC interrupt is generated.
6. When the timeout limit is reached, check the TACT bit in the corresponding transmit
descriptor. If the TACT bit is clear, set the frame for transmission in the corresponding
transmit descriptor and set the TR bit in EDTRR to start transmission. If the TACT bit is set to
1, place the transmission task in a waiting state by making an OS service call of a routine with
a timeout function, or execute a software reset to initialize all of the modules associated with
Ethernet functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com