Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 336Page - Renesas Technology Corp HD6417618 Datasheet HTML 337Page - Renesas Technology Corp HD6417618 Datasheet HTML 338Page - Renesas Technology Corp HD6417618 Datasheet HTML 339Page - Renesas Technology Corp HD6417618 Datasheet HTML 340Page - Renesas Technology Corp HD6417618 Datasheet HTML 341Page - Renesas Technology Corp HD6417618 Datasheet HTML 342Page - Renesas Technology Corp HD6417618 Datasheet HTML 343Page - Renesas Technology Corp HD6417618 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 308 of 610
REJ09B0131-0600
(1)
Countermeasure
This problem occurs under this condition:
size of transmit FIFO set in the FIFO depth register (FDR)
≤ maximum length of frame for
transmission (1518bytes).
To release the E-DMAC from the stopped state due to this problem, execute a software reset to
initialize both the E-DMAC and EtherC modules.
Specific countermeasures are given below. An example for the case where the software does not
use TC interrupts in transmission processing is given as (2), and an example for the case with TC
interrupt-driven software is given as (3). Both methods require the addition of timeout processing
with a maximum specified time as the timeout limit, and are based on the countermeasures
explained in section 12.4.1, Usage Notes on SH-Ether EtherC/E-DMAC Status Register (EESR).
The constant specified time corresponds to the timeout limit stated in section 12.4.1, Usage Notes
on SH-Ether EtherC/E-DMAC Status Register (EESR). The maximum specified time should be
set with reference to the maximum times taking retry processing into consideration, as given in
table 12.2. Derive n, the number of repetitions of the constant specified time, from this maximum
specified time. If transfer takes more than the maximum specified time, this indicates that the E-
DMAC has stopped due to a transmission underflow. In this case, execute a software reset to
initialize the EtherC and E-DMAC modules. Since the receiving side will also be initialized by the
software reset, the receiving side may require processing in a higher-level layer (e.g. TCP/IP).
Note:
The countermeasure should be the one that best suits the structure of your driver and other
software.
(2)
Countermeasure for the case where the software handles transmission without the aid
of TC interrupts
The countermeasure described under (a), Processing transmission without handling of the frame
transmission complete (TC) interrupt, below, is based on the method explained in the description
of bit 21 in (1) of section 12.4.1, Usage Notes on SH-Ether EtherC/E-DMAC Status Register
(EESR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com