Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 360Page - Renesas Technology Corp HD6417618 Datasheet HTML 361Page - Renesas Technology Corp HD6417618 Datasheet HTML 362Page - Renesas Technology Corp HD6417618 Datasheet HTML 363Page - Renesas Technology Corp HD6417618 Datasheet HTML 364Page - Renesas Technology Corp HD6417618 Datasheet HTML 365Page - Renesas Technology Corp HD6417618 Datasheet HTML 366Page - Renesas Technology Corp HD6417618 Datasheet HTML 367Page - Renesas Technology Corp HD6417618 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 332 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
6
CHR
0
R/W
Character Length
Selects 7-bit or 8-bit data in asynchronous mode. In the
synchronous mode, the data length is always eight bits,
regardless of the CHR setting.
0: 8-bit data
1: 7-bit data*
Note: * When 7-bit data is selected, the MSB (bit 7) of the
transmit FIFO data register is not transmitted.
5
PE
0
R/W
Parity Enable
Selects whether to add a parity bit to transmit data and to
check the parity of receive data, in asynchronous mode. In
synchronous mode, a parity bit is neither added nor
checked, regardless of the PE setting.
0: Parity bit not added or checked
1: Parity bit added and checked*
Note: * When PE is set to 1, an even or odd parity bit is
added to transmit data, depending on the parity
mode (O/
E) setting. Receive data parity is checked
according to the even/odd (O/
E) mode setting.
4
O/
E
0
R/W
Parity mode
Selects even or odd parity when parity bits are added and
checked. The O/
E setting is used only in asynchronous
mode and only when the parity enable bit (PE) is set to 1 to
enable parity addition and checking. The O/
E setting is
ignored in synchronous mode, or in asynchronous mode
when parity addition and checking is disabled.
0: Even parity*
1
1: Odd parity*
2
Notes:1. If even parity is selected, the parity bit is added
to transmit data to make an even number of 1s in
the transmitted character and parity bit
combined. Receive data is checked to see if it
has an even number of 1s in the received
character and parity bit combined.
2. If odd parity is selected, the parity bit is added to
transmit data to make an odd number of 1s in the
transmitted character and parity bit combined.
Receive data is checked to see if it has an odd
number of 1s in the received character and parity
bit combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com