Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 363Page - Renesas Technology Corp HD6417618 Datasheet HTML 364Page - Renesas Technology Corp HD6417618 Datasheet HTML 365Page - Renesas Technology Corp HD6417618 Datasheet HTML 366Page - Renesas Technology Corp HD6417618 Datasheet HTML 367Page - Renesas Technology Corp HD6417618 Datasheet HTML 368Page - Renesas Technology Corp HD6417618 Datasheet HTML 369Page - Renesas Technology Corp HD6417618 Datasheet HTML 370Page - Renesas Technology Corp HD6417618 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 335 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
6
RIE
0
R/W
Receive Interrupt Enable
Enables or disables the receive-data-full (RXI)
interrupts requested when the RDF flag or DR flag in
serial status register (SCFSR) is set to1, receive-error
(ERI) interrupts requested when the ER flag in SCFSR
is set to1, and break (BRI) interrupts requested when
the BRK flag in SCFSR or the ORER flag in line status
register (SCLSR) is set to1.
0: Receive-data-full interrupt (RXI), receive-error
interrupt (ERI), and break interrupt (BRI) requests
are disabled*
1: Receive-data-full interrupt (RXI), receive-error
interrupt (ERI), and break interrupt (BRI) requests
are enabled
Note: * RXI interrupt requests can be cleared by
reading the DR or RDF flag after it has been
set to 1, then clearing the flag to 0, or by
clearing RIE to 0. ERI or BRI interrupt requests
can be cleared by reading the ER, BR or
ORER flag after it has been set to 1, then
clearing the flag to 0, or by clearing RIE and
REIE to 0.
5
TE
0
R/W
Transmit Enable
Enables or disables the SCIF serial transmitter.
0: Transmitter disabled
1: Transmitter enabled*
Note: * Serial transmission starts after writing of
transmit data into SCFTDR. Select the transmit
format in SCSMR and SCFCR and reset the
transmit FIFO before setting TE to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com