Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 365Page - Renesas Technology Corp HD6417618 Datasheet HTML 366Page - Renesas Technology Corp HD6417618 Datasheet HTML 367Page - Renesas Technology Corp HD6417618 Datasheet HTML 368Page - Renesas Technology Corp HD6417618 Datasheet HTML 369Page - Renesas Technology Corp HD6417618 Datasheet HTML 370Page - Renesas Technology Corp HD6417618 Datasheet HTML 371Page - Renesas Technology Corp HD6417618 Datasheet HTML 372Page - Renesas Technology Corp HD6417618 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 337 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1 and 0
Select the SCIF clock source and enable or disable
clock output from the SCK pin. Depending on the
combination of CKE1 and CKE0, the SCK pin can be
used for serial clock output or serial clock input.
The CKE0 setting is valid only when the SCIF is
operating on the internal clock (CKE1
= 0). The CKE0
setting is ignored when an external clock source is
selected (CKE1
= 1). In synchronous mode, select the
SCIF operating mode in the serial mode register
(SCSMR), then set CKE1 and CKE0.
• Asynchronous mode
00: Internal clock, SCK pin used for input pin (The input
signal is ignored. The state of the SCK pin depends
on both the SCKIO and SCKDT bits.)
01: Internal clock, SCK pin used for clock output
(The output clock frequency is 16 times the bit rate.)
10: External clock, SCK pin used for clock input
(The input clock frequency is 16 times the bit rate.)
11: Setting prohibited
• Synchronous mode
00: Internal clock, SCK pin used for serial clock output
01: Internal clock, SCK pin used for serial clock output
10: External clock, SCK pin used for serial clock input
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com