Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 369Page - Renesas Technology Corp HD6417618 Datasheet HTML 370Page - Renesas Technology Corp HD6417618 Datasheet HTML 371Page - Renesas Technology Corp HD6417618 Datasheet HTML 372Page - Renesas Technology Corp HD6417618 Datasheet HTML 373Page - Renesas Technology Corp HD6417618 Datasheet HTML 374Page - Renesas Technology Corp HD6417618 Datasheet HTML 375Page - Renesas Technology Corp HD6417618 Datasheet HTML 376Page - Renesas Technology Corp HD6417618 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 341 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
5
TDFE
0
R/(W)* Transmit FIFO Data Empty
Indicates that data has been transferred from the
transmit FIFO data register (SCFTDR) to the transmit
shift register (SCTSR), the number of data in
SCFTDR has become less than the transmission
trigger number specified by the TTRG1 and TTRG0
bits in the FIFO control register (SCFCR), and writing
of transmit data to SCFTDR is enabled.
0: The number of transmit data written to SCFTDR is
greater than the specified transmission trigger
number
[Clearing conditions]
• TDFE is cleared to 0 when data exceeding the
specified transmission trigger number is written to
SCFTDR after 1 is read from the TDFE bit and
then 0 is written
• TDFE is cleared to 0 when DMAC write data
exceeding the specified transmission trigger
number to SCFTDR
1: The number of transmit data in SCFTDR is equal to
or less than the specified transmission trigger
number*
[Setting conditions]
• TDFE is set to 1 by a power-on reset
• TDFE is set to 1 when the number of transmit
data in SCFTDR has become equal to or less
than the specified transmission trigger number as
a result of transmission
Note: * Since SCFTDR is a 16-byte FIFO register,
the maximum number of data that can be
written when TDFE is 1 is "16 minus the
specified transmission trigger number". If an
attempt is made to write additional data, the
data is ignored. The number of data in
SCFTDR is indicated by the upper 8 bits of
SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com