Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 370Page - Renesas Technology Corp HD6417618 Datasheet HTML 371Page - Renesas Technology Corp HD6417618 Datasheet HTML 372Page - Renesas Technology Corp HD6417618 Datasheet HTML 373Page - Renesas Technology Corp HD6417618 Datasheet HTML 374Page - Renesas Technology Corp HD6417618 Datasheet HTML 375Page - Renesas Technology Corp HD6417618 Datasheet HTML 376Page - Renesas Technology Corp HD6417618 Datasheet HTML 377Page - Renesas Technology Corp HD6417618 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 342 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
4
BRK
0
R/(W)* Break Detection
Indicates that a break signal has been detected in
receive data.
0: No break signal received
[Clearing conditions]
• BRK is cleared to 0 when the chip is a power-on
reset
• BRK is cleared to 0 when software reads BRK
after it has been set to 1, then writes 0 to BRK
1: Break signal received*
[Setting condition]
• BRK is set to 1 when data including a framing
error is received, and a framing error occurs with
space 0 in the subsequent receive data
Note: * When a break is detected, transfer of the
receive data (H'00) to SCFRDR stops after
detection. When the break ends and the
receive signal becomes mark 1, the transfer
of receive data resumes.
3
FER
0
R
Framing Error
Indicates a framing error in the data read from the
next receive FIFO data register (SCFRDR) in
asynchronous mode.
0: No receive framing error occurred in the next data
read from SCFRDR
[Clearing conditions]
• FER is cleared to 0 when the chip undergoes a
power-on reset
• FER is cleared to 0 when no framing error is
present in the next data read from SCFRDR
1: A receive framing error occurred in the next data
read from SCFRDR.
[Setting condition]
• FER is set to 1 when a framing error is present in
the next data read from SCFRDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com