Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 387Page - Renesas Technology Corp HD6417618 Datasheet HTML 388Page - Renesas Technology Corp HD6417618 Datasheet HTML 389Page - Renesas Technology Corp HD6417618 Datasheet HTML 390Page - Renesas Technology Corp HD6417618 Datasheet HTML 391Page - Renesas Technology Corp HD6417618 Datasheet HTML 392Page - Renesas Technology Corp HD6417618 Datasheet HTML 393Page - Renesas Technology Corp HD6417618 Datasheet HTML 394Page - Renesas Technology Corp HD6417618 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 359 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
2
SCKDT
*
R/W
SCK Port Data
Controls the SCK pin in combination with the SCKIO bit
in this register, the C/
A bit in SCSMR, and bits CKE1
and CKE0 in SCSCR. Select the SCK pin function in
the PFC (pin function controller) beforehand.
C/
A CKE1 CKE0 SCKIO SCKDT: SCK pin state
0
0
0
0
×:
Input (initial state)
0
0
0
0
0:
Low level output
0
0
0
1
1:
High level output
0
0
1
×
×:
Internal clock output
according to serial core
logic
0
1
0
×
×:
External clock input to
serial core logic
0
1
1
×
×:
Setting prohibited
1
0
0
×
×:
Internal clock output
according to serial core
logic
1
0
1
×
×:
Internal clock output
according to serial core
logic
1
1
0
×
×:
External clock input to
serial core logic
1
1
1
×
×:
Setting prohibited
×: Don't care
The SCK pin state is read from this bit instead of the
set value.
1
SPBIO
0
R/W
Serial Port Break Input/Output Control
Controls the TxD pin in combination with the SPBDT bit
in this register and the TE bit in SCSCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com